Part Number Hot Search : 
S949T05 HXJ1301 MBJ14 BC177A C254A DIAMOND 2SK246BL TM402A1
Product Description
Full Text Search
 

To Download 550-XX04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm LED CBI(R) Circuit Board Indicator Top View, Single
6.10 [.240]
550-XX04
PART NO. COLOR Green Yellow Red Red, 5V Green, 5V Yellow, 5V Red Yellow Green Green Yellow Red Orange Red/Green Yellow/Green Red Green Yellow
GENERAL PURPOSE
A
5.84 [.230]
3.68 [.145]
6.10 [.240]
2.54 [.100] CATHODE Red Cathode for Red/Green Bi-Color Yellow Cathode for Yellow/Green Bi-Color
550-0204 550-0304 550-0404
INTEGRAL RESISTOR
B
2.54 [.100] 2.54 [.100] RECOMMENDED P.C. HOLE 2.54 PATTERN [.100] CATHODE 2.54 [.100]
550-0504 550-0704 550-0804
LOW CURRENT
A 3.43 [.135] for -0204 to -0404, 5.0 [.197] for all others B .635 [.025] for -0504 to -0704, .508 [.020] for all others
Hole diameter: 1.22 [.048] for .635 [.025], 1.02 [.040] for all others
Dimensions in mm [inches]
550-1104 550-1204 550-1304
HIGH EFFICIENCY
Standard Polarity shown in drawing: Cathode same side as notch
Features
* Multiple CBIs form horizontal LED arrays on 6.35mm (0.250") center-lines. * High Contrast, UL 94 V-0 rated, black housing * Oxygen index: 32% * Polymer content: PBT, 0.160 g * Housing stand-offs facilitate PCB cleaning
550-2204 550-2304 550-2404 550-2504
BI-COLOR
550-3004 550-3104
NEW
SUPER BRIGHT, DIFFUSED * Solderability per MIL-STD-202F, method 208F 550-5104 * LEDs are safe for direct viewing per IEC 825-1, EN-60825-1 550-5204 * Compatible with: 550-XX04-004 quad block
550-5304
6
Custom
* For custom LEDs contact factory.
SUPER BRIGHT, WATER CLEAR (Non-tinted, Non-diffused)
Tolerance note: As noted, otherwise:
* LED Protrusion: 0.04 mm [0.016] * CBI Housing: 0.02mm[0.008]
550-5504 550-5604 550-5704
Red Green Yellow
To order any of the 550-XX04 part numbers with Reverse Polarity (Cathode opposite side of notch), please add -010 to the part numbers shown above.
PART NUMBER ORDERING CODE
550 - xx04 -010
Series LED Type Reverse Polarity Option 1) Cathode Opposite Side of notch
-010 Ordering Code Suffix required ONLY for Reverse Polarity Option
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
6-9
Typical Operating Characteristics (TA=25C)
GENERAL PURPOSE Part Number 550-0204 550-0304 550-0404 Color Green Yellow Red Peak Wavelength nm 565 585 635 IV mcd 12.3 12.3 12.3 VF Volts 2.1 2.1 2
See LED data sheet for additional information
550-XX04
Page # 6-51 6-51 6-51
See page 6-55 and 6-56 for Reference Only LED Drive Circuit Examples. See page 6-57 for Pin Out
Test Current (mA) 20 20 20
Viewing Angle 21/2 60 60 60
LED Data sheet 5ND-9674 5ND-9673 5ND-9672
INTEGRAL RESISTOR Part Number 550-0504 550-0704 550-0804 LOW CURRENT Part Number 550-1104 550-1204 550-1304 Color Red Yellow Green Peak Wavelength nm 635 583 565 IV mcd 2 1.8 1.8 VF Volts 1.8 1.9 1.8 Test Current (mA) 2 2 2 Viewing Angle 21/2 50 50 50 LED Data sheet 521-9320 521-9321 521-9327 Page # 6-42 6-42 6-42 Color Red Green Yellow Peak Wavelength nm 655 565 583 IV mcd 2 8 8 Test Voltage 5 5 5 Forward Current (mA) 13 12 10 Viewing Angle 21/2 60 60 60 LED Data sheet 5RD-9422 5RD-9423 521-9284 Page # 6-52 6-52 6-41
HIGH EFFICIENCY Part Number 550-2204 550-2304 550-2404 550-2504 BI-COLOR Part Number 550-3004 550-3104 Color Red/Green Yellow/Green Peak Wavelength nm 660/565 585/565 IV mcd 90/40 8.7/8.7 VF Volts 1.8/2.1 2.1/2.1 Test Current (mA) 20 20 Viewing Angle 21/2 60 50 LED Data sheet 521-9651 521-9724 Page # 6-46 6-46 Color Green Yellow Red Orange Peak Wavelength nm 563 585 650 600 IV mcd 10 6.3 7 7 VF Volts 2.1 2.1 2.2 1.9 Test Current (mA) 10 10 10 10 Viewing Angle 21/2 65 50 50 60 LED Data sheet 5HD-9270-5 5HD-9271-5 5HD-9269 521-9704 Page # 6-49 6-49 6-49 6-43
SUPER BRIGHT, DIFFUSED Part Number 550-5104 550-5204 550-5304 Color Red Green Yellow Peak Wavelength nm 650 563 585 IV mcd 34 34 34 VF Volts 2.1 2.2 2.2 Test Current (mA) 20 20 20 Viewing Angle 21/2 50 50 50 LED Data sheet 5SD-9441 5SD-9456 5SD-9455 Page # 6-53 6-53 6-53
SUPER BRIGHT, WATER CLEAR (NON-TINTED, NON-DIFFUSED) Part Number 550-5504 550-5604 550-5704 Color Red Green Yellow Peak Wavelength nm 635 565 583 IV mcd 125 120 140 VF Volts 2.2 2.3 2.2 Test Current (mA) 20 20 20 Viewing Angle 21/2 24 24 24 LED Data sheet 521-9464 521-9465 521-9466 Page # 6-47 6-47 6-47
6-10
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
5mm Discrete LED Integral Resistor, 5 Volts Diffused
521-9183, -9284
5.84 [.230]
9.19 [.362] 8.43 [.332]
.76 [.030]
PART NO. 521-9183 521-9284
2.54 [.100]
LED COLOR Red Yellow
.64 [.025]
5.08 [.200] 4.57 [.180] 1.0 [.040] MAX 25.1 [1.00] MIN 1.27 [.050]
1.0 [.040] MAX
CATHODE
Dimensions in mm [inches]
MOUNTING CLIP: 515-0004 located on page 6-48
Red Yellow
ABSOLUTE MAXIMUM RATINGS (TA=25C) Forward Voltage (V) Derating (V/C) From 50C Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
-9183 7.5 .071 -40/+85 -55/+100
-9284 7.5 .071 -40/+85 -55/+100
260C, 5 seconds, 1.6 mm from case
Red
Yellow
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) Min. VF = 5V Typical Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Current (I) VF = 5V Reverse Voltage (V), IR=100A Typical Typical Typical Max Min.
-9183 2 8 635 60 10 15 5
-9284 2 8 583 60 10 15 5
6
is the off axis angle at which the luminous intensity is half the axial luminous intensity
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
6-41
5mm Discrete LED Low Current, 2mA Diffused
8.81 [.347] .76 [.030] .46 [.018] 5.84 [.230]
521-9320, -9321, -9327
PART NO. 521-9320 521-9321 521-9327 COLOR Red Yellow Green
4.83 [.190] 1.0 [.040] MAX 25.1 [1.00] MIN 1.27 [.050]
2.54 [.100]
1.0 [.040] MAX
CATHODE
Dimensions in mm [inches]
MOUNTING CLIP: 515-0004 located on page 6-48
Red Yellow Green
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dssipation (mW) Derating (mA/C) From 92C Forward Current (mA) Peak Current (mA) Pulse width = 10 s Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
-9320 27 1 7 500 -55/+100 -55/+100
-9321 36 1 7 500 -55/+100 -55/+100
-9327 24 1 7 500 -55/+100 -55/+100
260C, 5 seconds, 1.6 mm from case
Red
Yellow
Green
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=2mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=2mA Reverse Voltage (V), IR=50A
-9320 Min. Typical Typical Typical Typical Max. Min. 1.2 2 635 50 1.8 2.2 5
-9321 1.2 1.8 583 50 1.9 2.7 5
-9327 1.2 1.8 565 50 1.8 2.2 5
is the off axis angle at which the luminous intensity is half the axial luminous intensity
6-42
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
5mm Discrete LED Bi-Color Non-Tinted, Diffused
8.64[.340] 1.50 [.059] MAX 0.51 [.020] 5.59 [.220]
521-9651, -9724
PART NO. 521-9651
2.54 [.100]
LED COLOR Red/Green Yellow/Green
5.00 [.197] 1.00 [.04]
521-9724
22.1 [.87] MIN.
CATHODE GREEN, RED/GREEN BI-COLOR 521-9651 CATHODE YELLOW, YELLOW/GREEN BI-COLOR 521-9724
MOUNTING CLIP: 515-0005 located on page 6-48
Red/Green Yellow/Green
Dimensions in mm [inches]
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Forward Current (mA) Derating (mA/C) From 50C Peak Current (mA)
Pulse width = 100 s
-9651 100/100 40/30 .5/.4 200/120 -55/+100 -55/+100
-9724 60/100 20/30 .25/.40 80/120 -55/+100 -55/+100
Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
260C, 5 seconds, 1.6 mm from case
Red/Green
Yellow/Green
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=20mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=20mA Min. Typical Typical Typical Typical Max.
-9651 29/12.6 90/40 660/565 60 1.8/2.1 2.4/2.8
-9724 2.5/2.5 8.7/8.7 585/565 50 2.1/2.1 2.8/2.8
is the off axis angle at which the luminous intensity is half the axial luminous intensity
6-46
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
5mm Discrete LED Super Bright, Water Clear Non-Tinted, Non-Diffused
8.81 [.347] 1.0 [.040] MAX 5.84 [.230]
521-9464,-9465,-9466
PART NO. 521-9464 521-9465 521-9466 COLOR Red Green Yellow
4.83 [.190]
2.54 [.100] 1.27 [.050] TYP
25.35 [.998] MIN
CATHODE .46 [.018] SQ.
Dimensions in mm [inches]
MOUNTING CLIP: 515-0004 located on page 6-48
Red Green Yellow
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Derating (mW/C) From 25C Forward Current (mA) Peak Current (mA) Pulse width = 10 s Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C 1. From 50 C
-9464 135 1.8 30 500 -55/+100 -55/+100
-9465 135 1.8 30 500 -20/+100 -55/+100
-9466 85 1.61 20 500 -55/+100 -55/+100
260 C, 5 seconds, 1.6 mm from case
Red
Green
Yellow
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=20mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=20mA Reverse Voltage (V), IR=100A
-9464 Min. Typical Typical Typical Typical Max. Min. 80 125 635 24 2.2 3 5
-9465 80 120 565 24 2.3 3 5
-9466 80 140 583 24 2.2 3 5
6
is the off axis angle at which the luminous intensity is half the axial luminous intensity
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
6-47
5mm High Efficiency Diffused
TYPE *5HD-9269 *5HD-9270-2 *5HD-9270-5 *5HD-9271-2 *5HD-9271-5
5HD-xxxx
COLOR Red Green Green Yellow Yellow
* NOT A VALID PART NUMBER. THIS SHEET IS FOR REFERENCE ONLY.
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Derating (mW/C) From 50C 1. From 40C Forward Current (mA) Derating (mA/C) From 25C Peak Current (mA)
Pulse width = 1s
Red
Green
Green
Yellow
Yellow
-9269 60 1 .66 20 60 -25/+85 -30/+100
-9270-2 140 40 .6 500 -55/+100 -55/+100
-9270-5 75 1 .66 25 60 -25/+85 -30/+100
-9271-2 200 60 .8 1000 -55/+100 -55/+100
-9271-5 60 1 .66 20 60 -25/+85 -30/+100
Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
260C, 5 seconds, 1.6 mm from case
6
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=10mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) I F=10mA, *IF=20mA Reverse Voltage (V), IR=100A *IR=10A Min. Typical Typical Typical Typical Max. Min.
Red
Green
Green
Yellow
Yellow
-9269 2.2 7 650 50 2.2 2.5 5
-9270-2 4 32 565 50 2* 2.6* 5*
-9270-5 3.6 10 563 65 2.1 3 3*
-9271-2 4 10 590 70 2.4* 3* 5*
-9271-5 2.2 6.3 585 50 2.1 3 3
is the off axis angle at which the luminous intensity is half the axial luminous intensity
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
6-49
5mm General Purpose Diffused
TYPE *5ND-9672 *5ND-9673 *5ND-9674
5ND-xxxx
COLOR Red Yellow Green
* NOT A VALID PART NUMBER. THIS SHEET IS FOR REFERENCE ONLY.
Red
Yellow
Green
ABSOLUTE MAXIMUM RATINGS (TA=25C) Power Dissipation (mW) Forward Current (mA) Derating (mA/C) From 25C Peak Current (mA)
Pulse width = 10 s
-9672 80 40 .5 200 -55/+100 -55/+100
-9673 60 20 .25 80 -55/+100 -55/+100
-9674 100 30 .4 120 -55/+100 -55/+100
Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
260C, 5 seconds, 1.6 mm from case
Red
Yellow
Green
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) IF=20mA Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Voltage (V) IF=20mA Reverse Voltage (V), IR=100A Min. Typical Typical Typical Typical Max. Min.
-9672 3.5 12.3 635 60 2 2.8 5
-9673 3.5 12.3 585 60 2.1 2.8 5
-9674 3.5 12.3 565 60 2.1 2.8 5
6
is the off axis angle at which the luminous intensity is half the axial luminous intensity
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com
6-51
5mm Integral Resistor Diffused
TYPE *5RD-9378 *5RD-9379 *5RD-9422 *5RD-9423
5RD-xxxx
COLOR Green Yellow Red Green VOLTS 12 12 5 5
* NOT A VALID PART NUMBER. THIS SHEET IS FOR REFERENCE ONLY.
ABSOLUTE MAXIMUM RATINGS (TA=25C) Forward Voltage (V) *(TA=70C) Operating Temperature (C) Storage Temperature (C) Soldering Temperature
Solder Adherence per MIL-STD-202E, Method 208C
Green 12V
Yellow 12V
Red 5V
Green 5V
-9378 15* -20/+85 -55/+100
-9379 15 -40/+85 -55/+100
-9422 7.5 -40/+85 -55/+100
-9423 7.5 -20/+85 -55/+100
260C, 5 seconds, 1.6 mm from case
OPERATING CHARACTERISTICS (TA=25C) Luminous Intensity (mcd) VF=5V, *VF=12V Peak Wavelength (nm) Peak Viewing Angle (2 1/2) Forward Current (mA), VF=5V *VF=12V Reverse Voltage (V), IR=100A Min. Typical Typical Typical Typical Max. Typical
Green 12V
Yellow 12V
Red 5V
Green 5V
-9378 1.5* 4* 565 60 13* 20* 5
-9379 1.5* 4* 583 60 13* 20* 5
-9422 1 2 655 60 13 20 5
-9423 2 8 565 60 12 15 5
is the off axis angle at which the luminous intensity is half the axial luminous intensity
6-52
Dialight Corporation * 1501 Route 34 South * Farmingdale, NJ 07727 * TEL: (732) 919-3119 * FAX: (732) 751-5778 *www.dialight.com


▲Up To Search▲   

 
Price & Availability of 550-XX04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X